PART |
Description |
Maker |
MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EE |
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters ??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16 5kV ESD保护3.3V的四路的RS - 422发送器 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters 【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters "?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters" "?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters" ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
MAX3061E MAX3060E MAX3062E MAX3060EEKA-T MAX3062EE |
±.15kV ESD-Protected.Fail-Safe.20Mbps.锛?r锛?lew-Rate-Limited RS-485/RS-422 Transceivers in a SOT 15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT LINE TRANSCEIVER, PDSO8 ±.15kV ESD-Protected.Fail-Safe.20Mbps.<br>Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT "?5kV ESD Protected, 20Mbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 115kbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 500kbps, Fail-Safe RS-485/RS- 422 Transceivers" ±15kV ESD-Protected, Fail-Safe, 20Mbps,
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL32275E ISL32275EFBZ ISL32275EFVZ ISL32275EIBZ I |
QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers; Temperature Range: Full-Range Industrial; Package: 16 Ld TSSOP SPECIALTY TELECOM CIRCUIT, PDSO16 QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers; Temperature Range: Full-Range Industrial; Package: 24 Ld QFN T R SPECIALTY TELECOM CIRCUIT, PQCC24 QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers; Temperature Range: Full-Range Industrial; Package: 24 Ld QFN SPECIALTY TELECOM CIRCUIT, PQCC24 QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers; Temperature Range: Full-Range Industrial; Package: 16 Ld SOIC T R SPECIALTY TELECOM CIRCUIT, PDSO16 QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers; Temperature Range: Full-Range Industrial; Package: 16 Ld TSSOP T R SPECIALTY TELECOM CIRCUIT, PDSO16 QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers; Temperature Range: Industrial; Package: 16 Ld TSSOP T R SPECIALTY TELECOM CIRCUIT, PDSO16 QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers QUAD, 卤16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers QUAD, 隆戮16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
|
Intersil, Corp. Intersil Corporation
|
MAX1233-MAX1234 MAX1234EGI MAX1233EGI MAX1233 |
??5kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller 5kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller SPECIALTY CONSUMER CIRCUIT, QCC28
|
Maxim Integrated Products, Inc.
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ST3241ECTR ST3241E ST3241EBD ST3241EBDR ST3241EBPR |
?5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN ?5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
STMICROELECTRONICS[STMicroelectronics]
|
5962-0620705Q3A |
5kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
ISL4221E ISL4221EIR ISL4221EIRZ ISL4223E ISL4223EI |
QFN Packaged, 卤15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232 QFN Packaged, 5kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers LINE TRANSCEIVER, PQCC16
|
Intersil Corporation Intersil, Corp.
|
ISL32173E ISL32173EIVZ-T ISL32177E ISL32175E |
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
|
Intersil Corporation
|
MAX3161E MAX3160E MAX3160ECAP MAX3160EEAP MAX3161E |
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
|
MAXIM[Maxim Integrated Products]
|
|